Part Number Hot Search : 
1N5681 P1000 36410 21EBZ 720000 16YQ100C 1205N M62370GP
Product Description
Full Text Search
 

To Download KBP101G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art - ideal for printed circuit board - reliable low cost construction utilizing molded plastic technique - high surge current capability - ul recognized file # e-326243 - halogen-free according to iec 61249-2-21 definition molding compound, ul flammability classification rating 94v-0 base p/n with suffix "g" on packing code - halogen-free terminal: matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 1a whisker test v rrm 50 100 200 400 600 800 1000 v v rms 35 70 140 280 420 560 700 v v dc 50 100 200 400 600 800 1000 v i f(av) a i 2 ta 2 s t j o c t stg o c document number: ds_d1311015 version: d13 operating junction temperature range - 55 to +150 storage temperature range - 55 to +150 note 1: pulse test with pw=300 s,1% duty cycle typical thermal resistance r jl r ja 10 28 o c/w maximum instantaneous forward voltage (note 1) i f = 1 a v f 1.0 v maximum dc reverse current t j =25 at rated dc blocking voltage t j =125 i r 10 500 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm a rating for fusing (t<8.3ms) 30 3.73 kbp 107g unit maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 1 weight: 1.52 g (approximately) maximum ratings and electrical characteristics (t a =25 unless otherwise noted) parameter symbol kbp 101g kbp 102g kbp 103g kbp 104g kbp 105g kbp 106g kbp mechanical data case: molded plastic body polarity: polarity as marked on the body KBP101G thru kbp107g taiwan semiconductor glass passivated brid g e rectifiers features - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec
part no. note 1: "x" defines voltage from 50v (KBP101G) to 1000v (kbp107g) part no. kbp107g kbp107g (ta=25 unless otherwise noted) document number: ds_d1311015 version: d13 green compound description example 25 / tube packing KBP101G thru kbp107g taiwan semiconductor packing code green compound code package ordering information c2 kbp10xg (note 1) c2 suffix "g" kbp kbp107g c2g c2 g ratings and characteristics curves preferred p/n packing code green compound code kbp107g c2 0 0.5 1 1.5 2 20 40 60 80 100 120 140 160 average forward a current (a) ambient temperature ( o c) fig.1- maximum forward current derating curve resistive or inductive load with heatsink 0 10 20 30 40 50 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 3- maximum non-repetitive forward surge current 1 10 100 1000 0 20 40 60 80 100 120 140 instantaneous reverse current (ua) percent of rated peak reverse voltage (%) fig. 2- typical reverse characteristics tj=25 t j =12 5 0.1 1 10 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 instantaneous forward current (a) instantaneous forward voltage (v) fig. 4- typical instantaneous forward characteristics pulse width-300 s 1% duty cycle
min max min max a 10.60 11.68 0.417 0.460 b 0.70 0.90 0.028 0.035 c 3.60 4.10 0.142 0.161 d 12.70 - 0.500 - e 3.70 3.90 0.146 0.154 f 14.22 15.24 0.560 0.600 g 1.27 - 0.050 - p/n = specific device code g = green compound yw = date code f = factory code document number: ds_d1311015 version: d13 marking diagram KBP101G thru kbp107g taiwan semiconductor package outline dimensions dim. unit (mm) unit (inch) 10 100 1000 0.1 1 10 100 1000 junction capacitance (pf) a reverse voltage (v) fig. 5 typical junction capacitance f=1.0mhz vsig=50mvp-p
creat by art assumes no responsibility or liability for any errors inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied,to any intellectual property rights is granted by this document. except as provided in tsc's terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or seling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. document number: ds_d1311015 version: d13 KBP101G thru kbp107g taiwan semiconductor notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf,


▲Up To Search▲   

 
Price & Availability of KBP101G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X